Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
 

To Download CTC3106X0010B2TE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
FEATURES
* Terminations: 100 % Matte Tin, standard, Tin/Lead available * Compliant terminations * Molded case available in four case codes * Compatible with "High Volume" automatic pick and place equipment * Optical character recognition qualified * CECC 30801/005 - 793DX 30801/009 - CTC3 30801/011 - CTC4 30801/801 - 793DE
Pb-free Available
RoHS*
COMPLIANT
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 C to + 125 C Capacitance Range: 0.10 F to 100 F Capacitance Tolerance: 10 %, 20 % Voltage Rating: 4 VDC to 50 VDC
ORDERING INFORMATION
793DX TYPE 793DE CTC3 CTC4 106 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 CAPACITANCE TOLERANCE X9 = 10 % X0 = 20 % 010 DC VOLTAGE RATING at + 85 C This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V). B CASE CODE See Ratings and Case Codes Table. 2WE3 TERMINATION AND PACKAGING 2TE3: Matte Tin , 7" (178 mm) reel 2WE3: Matte Tin, 13" (330 mm) reel 8T: Tin/Lead, 7" (178 mm) reel 8W: Tin/Lead, 13" (330 mm) reel
Notes: We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating. Effective July 15, 2008, part numbers with solderable termination codes "2T" and "2W" may have either matte tin or tin/lead terminations. Codes 2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
DIMENSIONS in inches [millimeters]
L W H TH MIN. P TW
CASE CODE A B C D
EIA SIZE 3216-18 3528-21 6032-28 7343-31
L 0.126 0.008 [3.2 0.20] 0.138 0.008 [3.5 0.20] 0.236 0.012 [6.0 0.30] 0.287 0.012 [7.3 0.30]
W 0.063 0.008 [1.6 0.20] 0.110 0.008 [2.8 0.20] 0.126 0.012 [3.2 0.30] 0.170 0.012 [4.3 0.30]
H 0.063 0.008 [1.6 0.20] 0.075 0.008 [1.9 0.20] 0.098 0.012 [2.5 0.30] 0.110 0.012 [2.8 0.30]
P 0.031 0.012 [0.80 0.30] 0.031 0.012 [0.80 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30]
TW 0.047 0.004 [1.2 0.10] 0.087 0.004 [2.2 0.10] 0.087 0.004 [2.2 0.10] 0.095 0.004 [2.4 0.10]
TH (MIN.) 0.028 [0.70] 0.028 [0.70] 0.039 [1.0] 0.039 [1.0]
* Pb containing terminations are not RoHS compliant, exemptions may apply
www.vishay.com 48
For technical questions, contact: tantalum@vishay.com
Document Number: 40112 Revision: 14-May-08
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
Vishay Sprague
RATINGS AND CASE CODES
RATED VOLTAGE UR (V) (+ 85 C) CR (F) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 4V 2.7 V 6.3 V 4V 10 V 16 V 20 V 25 V CATEGORY VOLTAGE UC (V) (+ 125 C) 7V 10 V 13 V 17 V 35 V 23 V A A A A B B B C C C D D D 50 V 33 V A B B B B C C D D D D
A A* B B* C D D
A A* B B* C D D
A A* B B* C D D
A A* B B* C D D
A A* B B* C D D
A A* B B* C D D
Note: * Available as 793DE part numbers only
MARKING
"A" CASE VOLTAGE CODE
Capacitance Code, pF
Indicates Lead (Pb)-free
VOLTS 4.0 6.3
CODE G J A C D E V T
Voltage Indicates Lead Capacitance (Pb)-free F Polarity Band (+)
V 104L
10 16
22 XX
10L 2
Vishay Sprague Logo
Polarity Band (+) A Case
Voltage Code
20 25 35 50
Data Code B, C, D Case
Marking: Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. "A" Case size capacitors use a letter code for the voltage and EIA capacitance code. The Vishay Sprague(R) trademark is shown if space permits. Capacitors rated at 6.3 V shall be marked 6 V. A manufacturing date code is marked on all capacitors. Call the factory for further explanation.
Document Number: 40112 Revision: 14-May-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 49
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE at + 25 C (A) MAX. DF at + 25 C (%) MAX. ESR at + 25 C 100 kHz () IMPEDANCE (Z) at + 25 C 100 kHz () 9.0 9.0 9.0 9.0 8.0 4.5 4.5 4.5 4.5 3.8 2.4 2.4 2.4 2.4 1.3 1.3 1.3 1.3 1.0 1.0 1.0 1.0 10.0 10.0 10.0 10.0 8.0 4.5 4.5 4.5 4.5 3.8 2.4 2.4 2.4 2.4 1.3 1.3 1.3 1.3 1.0 1.0 1.0 1.0 MAX. RIPPLE 100 kHz Irms (A)
4 VDC at + 85 C, 2.7 VDC at + 125 C 3.3 3.3 3.3 3.3 4.7 10 10 10 10 15 33 33 33 33 68 68 68 68 100 100 100 100 2.2 2.2 2.2 2.2 3.3 6.8 6.8 6.8 6.8 10 22 22 22 22 47 47 47 47 68 68 68 68 A A A A A B B B B B C C C C D D D D D D D D A A A A A B B B B B C C C C D D D D D D D D 793DX335(1)004A(2) 793DE335(1)004A(2) CTC3335(1)004A(2) CTC4335(1)004A(2) 793DE475(1)004A(2) 793DX106(1)004B(2) 793DE106(1)004B(2) CTC3106(1)004B(2) CTC4106(1)004B(2) 793DE156(1)004B(2) 793DX336(1)004C(2) 793DE336(1)004C(2) CTC3336(1)004C(2) CTC4336(1)004C(2) 793DX686(1)004D(2) 793DE686(1)004D(2) CTC3686(1)004D(2) CTC4686(1)004D(2) 793DX107(1)004D(2) 793DE107(1)004D(2) CTC3107(1)004D(2) CTC4107(1)004D(2) 793DX225(1)6R3A(2) 793DE225(1)6R3A(2) CTC3225(1)6R3A(2) CTC4225(1)6R3A(2) 793DE335(1)6R3A(2) 793DX685(1)6R3B(2) 793DE685(1)6R3B(2) CTC3685(1)6R3B(2) CTC4685(1)6R3B(2) 793DE106(1)6R3B(2) 793DX226(1)6R3C(2) 793DE226(1)6R3C(2) CTC3226(1)6R3C(2) CTC4226(1)6R3C(2) 793DX476(1)6R3D(2) 793DE476(1)6R3D(2) CTC3476(1)6R3D(2) CTC4476(1)6R3D(2) 793DX686(1)6R3D(2) 793DE686(1)6R3D(2) CTC3686(1)6R3D(2) CTC4686(1)6R3D(2) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 1.3 1.3 1.3 1.3 2.7 2.7 2.7 2.7 4.0 4.0 4.0 4.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 1.3 1.3 1.3 1.3 2.8 2.8 2.8 2.8 4.1 4.1 4.1 4.1 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 7.6 7.6 7.6 7.6 6.3 3.5 3.5 3.5 3.5 2.9 1.8 1.8 1.8 1.8 0.8 0.8 0.8 0.8 0.7 0.7 0.7 0.7 7.6 7.6 7.6 7.6 6.3 3.4 3.4 3.4 3.4 2.9 1.8 1.8 1.8 1.8 0.8 0.8 0.8 0.8 0.7 0.7 0.7 0.7 0.10 0.10 0.10 0.10 0.11 0.12 0.12 0.12 0.12 0.17 0.25 0.25 0.25 0.25 0.43 0.43 0.43 0.43 0.46 0.46 0.46 0.46 0.10 0.10 0.10 0.10 0.11 0.16 0.16 0.16 0.16 0.17 0.25 0.25 0.25 0.25 0.43 0.43 0.43 0.43 0.46 0.46 0.46 0.46
6.3 VDC at + 85 C, 4 VDC at + 125 C
Notes: * (1) Tolerance: X0, X9 * (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
www.vishay.com 50
For technical questions, contact: tantalum@vishay.com
Document Number: 40112 Revision: 14-May-08
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE at + 25 C (A) MAX. DF at + 25 C (%) MAX. ESR at + 25 C 100 kHz () IMPEDANCE (Z) at + 25 C 100 kHz () 10.5 10.5 10.5 10.5 8.0 4.5 4.5 4.5 4.5 3.8 2.5 2.5 2.5 2.5 1.3 1.3 1.3 1.3 1.0 1.0 1.0 1.0 11.0 11.0 11.0 11.0 9.0 5.0 5.0 5.0 5.0 4.0 2.5 2.5 2.5 2.5 1.5 1.5 1.5 1.5 1.2 1.2 1.2 1.2 MAX. RIPPLE 100 kHz Irms (A)
Vishay Sprague
10 VDC at + 85 C, 7 VDC at + 125 C 1.5 1.5 1.5 1.5 2.2 4.7 4.7 4.7 4.7 6.8 15 15 15 15 33 33 33 33 47 47 47 47 1.0 1.0 1.0 1.0 1.5 3.3 3.3 3.3 3.3 4.7 10 10 10 10 22 22 22 22 33 33 33 33 A A A A A B B B B B C C C C D D D D D D D D A A A A A B B B B B C C C C D D D D D D D D 793DX155(1)010A(2) 793DE155(1)010A(2) CTC3155(1)010A(2) CTC4155(1)010A(2) 793DE225(1)010A(2) 793DX475(1)010B(2) 793DE475(1)010B(2) CTC3475(1)010B(2) CTC4475(1)010B(2) 793DE685(1)010B(2) 793DX156(1)010C(2) 793DE156(1)010C(2) CTC3156(1)010C(2) CTC4156(1)010C(2) 793DX336(1)010D(2) 793DE336(1)010D(2) CTC3336(1)010D(2) CTC4336(1)010D(2) 793DX476(1)010D(2) 793DE476(1)010D(2) CTC3476(1)010D(2) CTC4476(1)010D(2) 793DX105(1)016A(2) 793DE105(1)016A(2) CTC3105(1)016A(2) CTC4105(1)016A(2) 793DE155(1)016A(2) 793DX335(1)016B(2) 793DE335(1)016B(2) CTC3335(1)016B(2) CTC4335(1)016B(2) 793DE475(1)016B(2) 793DX106(1)016C(2) 793DE106(1)016C(2) CTC3106(1)016C(2) CTC4106(1)016C(2) 793DX226(1)016D(2) 793DE226(1)016D(2) CTC3226(1)016D(2) CTC4226(1)016D(2) 793DX336(1)016D(2) 793DE336(1)016D(2) CTC3336(1)016D(2) CTC4336(1)016D(2) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 1.5 1.5 1.5 1.5 3.3 3.3 3.3 3.3 4.7 4.7 4.7 4.7 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.6 1.6 1.6 1.6 3.5 3.5 3.5 3.5 5.3 5.3 5.3 5.3 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8.0 8.0 8.0 8.0 6.3 3.4 3.4 3.4 3.4 2.9 1.8 1.8 1.8 1.8 0.8 0.8 0.8 0.8 0.7 0.7 0.7 0.7 9.3 9.3 9.3 9.3 6.7 3.5 3.5 3.5 3.5 2.9 1.8 1.8 1.8 1.8 0.8 0.8 0.8 0.8 0.7 0.7 0.7 0.7 0.10 0.10 0.10 0.10 0.11 0.16 0.16 0.16 0.16 0.17 0.25 0.25 0.25 0.25 0.43 0.43 0.43 0.43 0.46 0.46 0.46 0.46 0.09 0.09 0.09 0.09 0.11 0.16 0.16 0.16 0.16 0.17 0.25 0.25 0.25 0.25 0.43 0.43 0.43 0.43 0.46 0.46 0.46 0.46
16 VDC at + 85 C, 10 VDC at + 125 C
Notes: * (1) Tolerance: X0, X9 * (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
Document Number: 40112 Revision: 14-May-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 51
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE at + 25 C (A) MAX. DF at + 25 C (%) MAX. ESR at + 25 C 100 kHz () IMPEDANCE (Z) at + 25 C 100 kHz () 13.0 13.0 13.0 13.0 11.0 6.0 6.0 6.0 6.0 4.5 2.5 2.5 2.5 2.5 1.5 1.5 1.5 1.5 1.2 1.2 1.2 1.2 14.0 14.0 14.0 14.0 11.0 7.0 7.0 7.0 7.0 5.0 2.8 2.8 2.8 2.8 1.5 1.5 1.5 1.5 1.2 1.2 1.2 1.2 MAX. RIPPLE 100 kHz Irms (A)
20 VDC at + 85 C, 13 VDC at + 125 C 0.68 0.68 0.68 0.68 1.0 2.2 2.2 2.2 2.2 3.3 6.8 6.8 6.8 6.8 15 15 15 15 22 22 22 22 0.47 0.47 0.47 0.47 0.68 1.5 1.5 1.5 1.5 2.2 4.7 4.7 4.7 4.7 10 10 10 10 15 15 15 15 A A A A A B B B B B C C C C D D D D D D D D A A A A A B B B B B C C C C D D D D D D D D 793DX684(1)020A(2) 793DE684(1)020A(2) CTC3684(1)020A(2) CTC4684(1)020A(2) 793DE105(1)020A(2) 793DX225(1)020B(2) 793DE225(1)020B(2) CTC3225(1)020B(2) CTC4225(1)020B(2) 793DE335(1)020B(2) 793DX685(1)020C(2) 793DE685(1)020C(2) CTC3685(1)020C(2) CTC4685(1)020C(2) 793DX156(1)020D(2) 793DE156(1)020D(2) CTC3156(1)020D(2) CTC4156(1)020D(2) 793DX226(1)020D(2) 793DE226(1)020D(2) CTC3226(1)020D(2) CTC4226(1)020D(2) 793DX474(1)025A(2) 793DE474(1)025A(2) CTC3474(1)025A(2) CTC4474(1)025A(2) 793DE474(1)025A(2) 793DX155(1)025A(2) 793DX155(1)025A(2) CTC3155(1)025A(2) CTC4155(1)025A(2) 793DE225(1)025B(2) 793DX475(1)025C(2) 793DE475(1)025C(2) CTC3475(1)025C(2) CTC4475(1)025C(2) 793DX106(1)025D(2) 793DE106(1)025D(2) CTC3106(1)025D(2) CTC4106(1)025D(2) 793DX156(1)025D(2) 793DE156(1)025D(2) CTC3156(1)025D(2) CTC4156(1)025D(2) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 1.4 1.4 1.4 1.4 3.0 3.0 3.0 3.0 4.4 4.4 4.4 4.4 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 1.2 1.2 1.2 1.2 2.5 2.5 2.5 2.5 3.8 3.8 3.8 3.8 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 10 10 10 10 8.4 3.5 3.5 3.5 3.5 3.0 1.9 1.9 1.9 1.9 0.9 0.9 0.9 0.9 0.7 0.7 0.7 0.7 12 12 12 12 8.4 4.6 4.6 4.6 4.6 3.8 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 0.8 0.8 0.8 0.8 0.09 0.09 0.09 0.09 0.09 0.16 0.16 0.16 0.16 0.17 0.24 0.24 0.24 0.24 0.41 0.41 0.41 0.41 0.46 0.46 0.46 0.46 0.08 0.08 0.08 0.08 0.09 0.14 0.14 0.14 0.14 0.15 0.24 0.24 0.24 0.24 0.39 0.39 0.39 0.39 0.43 0.43 0.43 0.43
25 VDC at + 85 C, 16 VDC at + 125 C
Notes: * (1) Tolerance: X0, X9 * (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
www.vishay.com 52
For technical questions, contact: tantalum@vishay.com
Document Number: 40112 Revision: 14-May-08
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE at + 25 C (A) MAX. DF at + 25 C (%) MAX. ESR at + 25 C 100 kHz () IMPEDANCE (Z) at + 25 C 100 kHz () 28.0 28.0 28.0 28.0 23.0 23.0 23.0 23.0 19.0 19.0 19.0 19.0 15.0 15.0 15.0 15.0 11.0 11.0 11.0 11.0 8.0 8.0 8.0 8.0 7.0 7.0 7.0 7.0 6.0 6.0 6.0 6.0 4.0 4.0 4.0 4.0 3.0 3.0 3.0 3.0 1.8 1.8 1.8 1.8 1.5 1.5 1.5 1.5 1.2 1.2 1.2 1.2 MAX. RIPPLE 100 kHz Irms (A) 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.09 0.09 0.09 0.09 0.11 0.11 0.11 0.11 0.13 0.13 0.13 0.13 0.17 0.17 0.17 0.17 0.20 0.20 0.20 0.20 0.23 0.23 0.23 0.23 0.34 0.34 0.34 0.34 0.37 0.37 0.37 0.37 0.43 0.43 0.43 0.43
Vishay Sprague
0.10 0.10 0.10 0.10 0.15 0.15 0.15 0.15 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.47 0.47 0.47 0.47 0.68 0.68 0.68 0.68 1.0 1.0 1.0 1.0 1.5 1.5 1.5 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 3.3 4.7 4.7 4.7 4.7 6.8 6.8 6.8 6.8 10 10 10 10
A A A A A A A A A A A A A A A A B B B B B B B B B B B B C C C C C C C C C C C C D D D D D D D D D D D D
35 VDC at + 85 C, 23 VDC at + 125 C 793DX104(1)035A(2) 0.5 4 793DE104(1)035A(2) 0.5 4 CTC3104(1)035A(2) 0.5 4 CTC4104(1)035A(2) 0.5 4 793DX154(1)035A(2) 0.5 4 793DE154(1)035A(2) 0.5 4 CTC3154(1)035A(2) 0.5 4 CTC4154(1)035A(2) 0.5 4 793DX224(1)035A(2) 0.5 4 793DE224(1)035A(2) 0.5 4 CTC3224(1)035A(2) 0.5 4 CTC4224(1)035A(2) 0.5 4 793DX334(1)035A(2) 0.5 4 793DE334(1)035A(2) 0.5 4 CTC3334(1)035A(2) 0.5 4 CTC4334(1)035A(2) 0.5 4 793DX474(1)035B(2) 0.5 4 793DE474(1)035B(2) 0.5 4 CTC3474(1)035B(2) 0.5 4 CTC4474(1)035B(2) 0.5 4 793DX684(1)035B(2) 0.5 4 793DE684(1)035B(2) 0.5 4 CTC3684(1)035B(2) 0.5 4 CTC4684(1)035B(2) 0.5 4 793DX105(1)035B(2) 0.5 4 793DE105(1)035B(2) 0.5 4 CTC3105(1)035B(2) 0.5 4 CTC4105(1)035B(2) 0.5 4 793DX155(1)035C(2) 0.5 6 793DE155(1)035C(2) 0.5 6 CTC3155(1)035C(2) 0.5 6 CTC4155(1)035C(2) 0.5 6 793DX225(1)035C(2) 0.8 6 793DE225(1)035C(2) 0.8 6 CTC3225(1)035C(2) 0.8 6 CTC4225(1)035C(2) 0.8 6 793DX335(1)035C(2) 1.2 6 793DE335(1)035C(2) 1.2 6 CTC3335(1)035C(2) 1.2 6 CTC4335(1)035C(2) 1.2 6 793DX475(1)035D(2) 1.6 6 793DE475(1)035D(2) 1.6 6 CTC3475(1)035D(2) 1.6 6 CTC4475(1)035D(2) 1.6 6 793DX685(1)0035D(2) 2.4 6 793DE685(1)0035D(2) 2.4 6 CTC3685(1)0035D(2) 2.4 6 CTC4685(1)0035D(2) 2.4 6 793DX106(1)035D(2) 3.5 6 793DE106(1)035D(2) 3.5 6 CTC3106(1)035D(2) 3.5 6 CTC4106(1)035D(2) 3.5 6
20 20 20 20 18 18 18 18 15 15 15 15 13 13 13 13 10 10 10 10 6.5 6.5 6.5 6.5 5.0 5.0 5.0 5.0 3.8 3.8 3.8 3.8 2.9 2.9 2.9 2.9 2.1 2.1 2.1 2.1 1.3 1.3 1.3 1.3 1.1 1.1 1.1 1.1 0.8 0.8 0.8 0.8
Notes: * (1) Tolerance: X0, X9 * (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40112 Revision: 14-May-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 53
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE at + 25 C (A) MAX. DF at + 25 C (%) MAX. ESR at + 25 C 100 kHz () IMPEDANCE (Z) at + 25 C 100 kHz () 27.0 27.0 27.0 27.0 22.0 22.0 22.0 22.0 18.0 18.0 18.0 18.0 14.0 14.0 14.0 14.0 9.0 9.0 9.0 9.0 7.0 7.0 7.0 7.0 6.0 6.0 6.0 6.0 5.0 5.0 5.0 5.0 3.5 3.5 3.5 3.5 2.0 2.0 2.0 2.0 1.5 1.5 1.5 1.5 MAX. RIPPLE 100 kHz Irms (A)
50 VDC at + 85 C, 33 VDC at + 125 C 0.10 0.10 0.10 0.10 0.15 0.15 0.15 0.15 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.47 0.47 0.47 0.47 0.68 0.68 0.68 0.68 1.0 1.0 1.0 1.0 1.5 1.5 1.5 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 3.3 4.7 4.7 4.7 4.7 A A A A B B B B B B B B B B B B C C C C C C C C C C C C D D D D D D D D D D D D D D D D 793DX104(1)050A(2) 793DE104(1)050A(2) CTC3104(1)050A(2) CTC4104(1)050A(2) 793DX154(1)050B(2) 793DE154(1)050B(2) CTC3154(1)050B(2) CTC4154(1)050B(2) 793DX224(1)0050B(2) 793DE224(1)0050B(2) CTC3224(1)0050B(2) CTC4224(1)0050B(2) 793DX334(1)050B(2) 793DE334(1)050B(2) CTC3334(1)050B(2) CTC4334(1)050B(2) 793DX474(1)050C(2) 793DE474(1)050C(2) CTC3474(1)050C(2) CTC4474(1)050C(2) 793DX684(1)050C(2) 793DE684(1)050C(2) CTC3684(1)050C(2) CTC4684(1)050C(2) 793DX105(1)050C(2) 793DE105(1)050C(2) CTC3105(1)050C(2) CTC4105(1)050C(2) 793DX155(1)050D(2) 793DE155(1)050D(2) CTC3155(1)050D(2) CTC4155(1)050D(2) 793DX225(1)050D(2) 793DE225(1)050D(2) CTC3225(1)050D(2) CTC4225(1)050D(2) 793DX335(1)0050D(2) 793DE335(1)0050D(2) CTC3335(1)0050D(2) CTC4335(1)0050D(2) 793DX475(1)050D(2) 793DE475(1)050D(2) CTC3475(1)050D(2) CTC4475(1)050D(2) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 1.1 1.1 1.1 1.1 1.7 1.7 1.7 1.7 2.4 2.4 2.4 2.4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 19 19 19 19 14 14 14 14 12 12 12 12 10 10 10 10 6.7 6.7 6.7 6.7 5.9 5.9 5.9 5.9 4.6 4.6 4.6 4.6 2.9 2.9 2.9 2.9 2.1 2.1 2.1 2.1 1.7 1.7 1.7 1.7 1.2 1.2 1.2 1.2 0.06 0.06 0.06 0.06 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.09 0.09 0.09 0.09 0.13 0.13 0.13 0.13 0.14 0.14 0.14 0.14 0.16 0.16 0.16 0.16 0.25 0.25 0.25 0.25 0.27 0.27 0.27 0.27 0.30 0.30 0.30 0.30 0.37 0.37 0.37 0.37
Notes: * (1) Tolerance: X0, X9 * (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W www.vishay.com 54 For technical questions, contact: tantalum@vishay.com Document Number: 40112 Revision: 14-May-08
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, CECC Approved
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
100 IMPEDANCE ESR 10 10 100 IMPEDANCE ESR
Vishay Sprague
4.7 F, 10 VDC-B CASE 1 4.7 F, 10 VDC-D CASE
10 F 16 VDC-C CASE , 1
0.1 1K
10K
100K
1M
10M
100M
0.1 1K
10K
100K
1M
10M
100M
FREQUENCY IN (Hz)
FREQUENCY IN (Hz)
100 IMPEDANCE ESR 10
100 IMPEDANCE ESR 10
6.8 F 20 VDC-C CASE , 1 22 F 20 VDC-D CASE ,
1
1 F 35 VDC-B CASE ,
6.8 F 35 VDC-D CASE ,
0.1 1K
10K
100K
1M
10M
100M
0.1 1K
10K
100K
1M
10M
100M
FREQUENCY IN (Hz)
FREQUENCY IN (Hz)
Document Number: 40112 Revision: 14-May-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 55
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CTC3106X0010B2TE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X